PART |
Description |
Maker |
PD464536L PD464518L |
4M-Bit Bi-CMOS Synchronous Fast Static RAM(4M BiCMOS 同步快速静态RAM)
|
NEC Corp.
|
UPD44323362F1-C40-FJ1 UPD44323362 |
32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
|
NEC[NEC]
|
UPD4482162 UPD4482182 UPD4482162GF-A60 UPD4482162G |
8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT 800万位CMOS同步快速静态存储器流水线操作单周期取消选择
|
NEC Corp. NEC, Corp.
|
PI74FCT162240T PI74FCT16240T PI74FCT162H240T PI74F |
Fast CMOS address/clock driver Fast CMOS 16-Bit Buffer /Line Drivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corpo...
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
UPD4382361GF-A85 UPD4382321GF-A85 UPD4382361GF-A90 |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x18 Fast Synchronous SRAM x18快速同步SRAM
|
Samsung Semiconductor Co., Ltd.
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MB8501S064AC-100 MB8501S064AC-67 MB8501S064AC-84 |
CMOS 1M×64 Bit Synchronous Dynamic Random Access Memory (SDRAM)(CMOS 1M×64同步动态RAM)
|
Fujitsu Limited
|
IDT74FCT161AT IDT74FCT161CT IDT74FCT161CTSO IDT74F |
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
NM93C66 NM93C66VMT8 |
4096-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) MicrowireSerialEEPROM 4096-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
FAIRCHILD
|